Part Number Hot Search : 
AN78XXF MMBT55 IS3022 DS9092 90FD20 1610DT ZD47V0 VN920
Product Description
Full Text Search
 

To Download STD5KB90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
STD5KA5.0 - STD5KA110 STD5KB5.0 - STD5KB110
5000 WATT 5.0-110 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Features: * 5.0-110 Volt Unidirectional-Anode to Stud * Hermetically Sealed * Meets all environmental requirements of MIL-S19500 * Custom configurations available * Reverse polarity-cathod to stud (Add suffix "R") * TX, TXV, and Space Level screening available Applications: * Protection of voltage sensitive components * Protection against power interruption * Lightning protection
Designer's Data Sheet
STD5K __ __ __ __ Screening __ = Not Screened TX = TX Level TXV = TXV Level S = S Level
Polarity
__ = Normal (Anode to Stud) R = Reverse (Cathode to Stud)
Voltage
5.0 - 110V
Voltage Tolerance
A = 10% B = 5%
Maximum Ratings
Stand Off Voltage Steady State Power Dissipation Peak Pulse Power @ 1.0 msec Forward Surge Current Peak Pulse Power and Steady State Power Derating Peak Pulse Power and Pulse Width Operating and Storage Temperature VRWM PD PPP IFSM
5.0-110 8 5000 400
Volts Watts Watts Amps
SEE GRAPH SEE GRAPH -55C to +175C
Note: SSDI Transient Suppressors offer standard Breakdown Voltage Tolerances of + 10% (A) and + 5% (B). For other Voltage and Voltage Tolerances, contact SSDI's Marketing Department.
DO-5
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00030B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
STD5KA5.0 - STD5KA110 STD5KB5.0 - STD5KB110
Reverse Stand Off Voltage VWM Volts
5.0 5.0 6.0 6.0 7.0 7.0 8.0 8.0 9.0 9.0 10.0 10.0 12.0 12.0 14.0 14.0 16.0 16.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0
ELECTRICAL CHARACTERISTICS
Part Number
For 5% Voltage Tolerance specify "B" in place of "A" STD5KA5.0 STD5KB5.0 STD5KA6.0 STD5KB6.0 STD5KA7.0 STD5KB7.0 STD5KA8.0 STD5KB8.0 STD5KA9.0 STD5KB9.0 STD5KA10 STD5KB10 STD5KA12 STD5KB12 STD5KA14 STD5KB14 STD5KA16 STD5KB16 STD5KA18 STD5KB18 STD5KA20 STD5KB20 STD5KA22 STD5KB22 STD5KA24 STD5KB24 STD5KA26 STD5KB26 STD5KA28 STD5KB28 STD5KA30 STD5KB30 STD5KA33 STD5KB33 STD5KA36 STD5KB36 STD5KA40 STD5KB40 STD5KA43 STD5KB43 STD5KA45 STD5KB45 STD5KA48 STD5KB48
Breakdown Voltage VBR (note 1) Min VBR
6.4 6.4 6.67 6.67 7.78 7.78 8.89 8.89 10.0 10.0 11.1 11.1 13.3 13.3 15.6 15.6 17.8 17.8 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3
Maximum Reverse Leakage Current
Maximum Peak Pulse Current IPPM Amps
520 543 439 485 378 417 333 367 295 325 266 294 227 251 194 215 176 176 155 172 139 154 127 141 116 128 107 119 99 110 93 103 85 94 78 85 70 78 65 72 62 69 58 65
Maximum Clamping Voltage @ IPPM (Note 2)
Max Temperature
Coefficient
Max VBR
7.30 7.00 8.15 7.37 9.51 8.6 10.9 9.83 12.2 11.1 13.6 12.3 16.3 14.7 19.1 17.2 21.8 19.7 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.2 58.9
@IT mA
50 50 50 50 50 50 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
IR@VWM ID(A)
2000 2000 5000 5000 1000 1000 150 150 20.0 20.0 15.0 15.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0
VC Volts
9.6 9.2 11.4 10.3 13.3 12.0 15.0 13.6 16.9 15.4 18.8 17.0 22.0 19.9 25.8 23.2 28.8 28.8 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4
VBR %/C
0.057 0.057 0.061 0.061 0.068 0.068 0.075 0.075 0.081 0.081 0.084 0.084 0.088 0.088 0.092 0.092 0.096 0.096 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106
For optional high reliability screening or higher zener voltages, consult SSDI MARKETING Department. Notes: 1. VBR measured after IT applied for 300 ms. IT = Square Wave Pulse or equivalent. 2. Surge Current waveform per "Current Pulse Waveform" graph and Derate per "Peak Pulse Power vs. Temperature Derating Curve" graph.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00030B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
STD5KA5.0 - STD5KA110 STD5KB5.0 - STD5KB110
Reverse Stand Off Voltage VWM Volts
51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100 100 110 110
ELECTRICAL CHARACTERISTICS
Part Number
For 5% Voltage Tolerance specify "B" in place of "A" STD5KA51 STD5KB51 STD5KA54 STD5KB54 STD5KA58 STD5KB58 STD5KA60 STD5KB60 STD5KA64 STD5KB64 STD5KA70 STD5KB70 STD5KA75 STD5KB75 STD5KA78 STD5KB78 STD5KA85 STD5KB85 STD5KA90 STD5KB90 STD5KA100 STD5KB100 STD5KA110 STD5KB110
Breakdown Voltage VBR (note 1) Min VBR
56.1 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.6 77.8 83.3 83.3 86.7 86.7 94.9 94.4 100 100 111 111 122 122
Maximum Reverse Leakage Current
Maximum Peak Pulse Current IPPM Amps
55 61 52 57 49 53 47 52 44 49 40 44 37 41 36 40 33 36 31 34 28 31 26 28
Maximum Clamping Voltage @
Max Temperature
Coefficient
IPPM (note 2) VC Volts
91.1 82.4 96.3 87.1 103 94 107 97 114 103 125 113 134 121 126 126 151 137 160 146 179 162 196 177
Max VBR
69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 96.9 78.6 95.1 86.0 102 92.1 106.0 95.8 115 104 122 111 136 123 149 135
@IT mA
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
IR@VWM ID(A)
10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0
VBR %/C
0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.112 0.112
For optional high reliability screening or higher zener voltages, consult SSDI MARKETING Department. Notes: 1. VBR measured after IT applied for 300 ms. IT = Square Wave Pulse or equivalent. 2. Surge Current waveform per "Current Pulse Waveform" graph and Derate per "Peak Pulse Power vs. Temperature Derating Curve" graph.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00030B
DOC


▲Up To Search▲   

 
Price & Availability of STD5KB90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X